PART |
Description |
Maker |
2SK4125 |
N-Channel Power MOSFET, 600V, 17A, 610mOhm, TO-3P-3L
|
ON Semiconductor
|
FDPF17N60NT |
N-Channel UniFETTM II MOSFET 600V, 17A, 340m
|
Fairchild Semiconductor
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HUFA76409P3 |
17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 17A/ 60V/ 0.070 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
ENA1897 |
N-Channel Power MOSFET, 100V, 17A, 111mOhm, Single TP/TP-FA
|
ON Semiconductor
|
S1HNK60 STS1HNK60 |
N-CHANNEL 600V - 8 OHM - 0.3A SO-8 SUPERMESH POWER MOSFET N沟道600V 8欧姆- 0.3A的SO - 8 SUPERMESH功率MOSFET N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STS17NH3LL |
N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
|
STMicroelectronics
|
STS17NF3LL06 S17NF3LL STS17NF3LL |
N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
HUFA76409D3S HUFA76409D3 HUFA76409D3ST |
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 18A I(D) | TO-252AA 17A/ 60V/ 0.071 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|